Part Number Hot Search : 
KE82A HDS800 A1507P 1837488 GP7NB60 M5227 D1546 MMSZ4700
Product Description
Full Text Search
 

To Download B020-016-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16-port netdirector 1u rackmount console kvm switch w/17" lcd model number: B020-016-17 description tripp lite's 16-port console kvm switch with 17" lcd is the optimal solution for controlling multiple computers from one keyboard, mouse and monitor. this single unit combines a 16 port kvm switch, keyboard, 17" lcd monitor and touchpad; all in a mere 1u of rack space. stores neatly in the rack, pulls out when needed. control up to 512 computers from this single console by daisy-chaining additional b022-016 or b022-u16 16 port kvm switches. easily switch ports using the on-console push buttons, on screen display (osd) or keyboard hot key commands. control ps/2 or usb computers/servers using p774-series (ps/2) and p776-series (usb) kvm cable kits. includes an extra hd15 and (2) ps/2 ports on the rear of the unit, which allows for connection of a tripp lite b051-000 ip remote access unit or an external console. compatible with all major operating systems except mac and sun. features control an entire network in just 1u of rack space combines a 16 port kvm switch, 17" lcd screen, keyboard and touchpad in a 1u rackmountable drawer control up to 512 computers by daisychaining additional b022-016 or b022-u16 kvm switches supports video resolutions up to 1280 x 1024 switch between ports via pushbuttons, osd or keyboard hot key commands includes autoscan feature multi-level password security (administrator/user) to ensure only those with authorization can access connected computers/servers includes additional vga monitor and ps/2 keyboard/mouse ports, allowing for the connection of an external console, or a tripp lite b051-000 ip remote access unit hot pluggable; add or remove computers without having to power down the switch auto-sensing of station position on daisy chained installations; no need for manual dip switch setting, front panel led indicates station position port names automatically reconfigured when station sequence is changed firmware upgradeable power consumption: 120v 60hz 22.8w; 230v 50hz 24w highlights control an entire network in just 1u rack space combines a 16 port kvm switch, 17" lcd screen, keyboard, and touchpad in a 1u rackmountable drawer control up to 512 computers by daisychaining additional b022-016 or b022-u16 kvm switches supports video resolutions up to 1280 x 1024 two level password security (administrator/user) compatible with all major operating systems except mac and sun system requirements ps/2 or usb computer (1) p774-series (ps/2) or p776-series (usb) kvm cable kit is required for each connected computer/server compatible with all major operating systems except mac and sun package includes 16 port console kvm switch w/17" lcd 6 ft. ps/2 kvm cable kit 6 ft. usb kvm cable kit c13 to 5-15p power cord rj11 to db9 firmware upgrade cable owners manual cd 1 / 4
power consumption: 120v 60hz 22.8w; 230v 50hz 24w compatible with all major operating systems except mac and sun constructed of heavy-duty steel housing specifications overview # of users 1 console yes port control push buttons, hotkeys, osd max cpu 512 pc/server ps/2 shipping weight 47.4 lbs. unit dimensions (hwd/in.) 1.75" x 16.75" x 24" cat5 kvm switch no ip remote access no upc assignment unit carton upc# 037332125378 physical unit dimensions (hwd/cm) 4.45 x 42.55 x 60.96 color black style 1u rackmount console lcd monitor (in.) 17 lcd monitor (cm) 43.18 environmental relative humidity 0% to 80% rh operating temperature 32 degrees to 120 degrees f btus (88 btus at 120v, 50hz) / (93 btus at 120v, 50hz) connections ports 16 computer/server ports (x16) hd15 (female) other ports db25 (male) 2 / 4
local console ports - port 1 hd15 (female) local console ports - port 2 (x2) minidin6 (female) certifications approvals ul, cul, ce, fcc, rohs warranty product warranty period (worldwide) 1-year limited warranty related items required products model number description qty. p774-006 6-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p774-010 10-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p774-015 15-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p774-025 25-ft. kvm switch ps/2 (3-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p776-006 6-ft. kvm switch usb (2-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p776-010 10-ft. kvm switch usb (2-in-1) cable kit for b020-008/016 series b022-016 and b022 desktop series 1 p776-019 19-ft. kvm switch usb (2-in-1) cable kit for b020-008/016 series, b022-016 and b022 desktop series 1 optional products model number description qty. b013-330 kvm switch accessories - kvm console extender kit 1 b015-000 usb adapters - usb to ps/2 adapter 1 b019-000 kvm switch accessories - 2-post rackmount bracket for b020,b021, b040, and b070 consoles and kvm consoles 1 b022-u16 kvm switch - 16-port netdirector 1u rackmount kvm switch 1 b051-000 kvm switch accessories - ip remote access unit 1 wext-kvm-b1 1-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b2 2-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b3 3-year warranty extension - for select kvm switches (see specific models for eligibility) 1 3 / 4
wext-kvm-b4 4-year warranty extension - for select kvm switches (see specific models for eligibility) 1 p772-002 2-ft. kvm switch daisychain cable for b020-series and b022 series kvms 1 p772-006 6-ft. kvm switch daisychain cable for b020-series and b022 series kvms 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/B020-016-17 . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? B020-016-17


▲Up To Search▲   

 
Price & Availability of B020-016-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X